Part Number Hot Search : 
016QB8 VP2006B TMXW324 AK2330 RF380206 25FU106B S1610 HPR123
Product Description
Full Text Search
 

To Download SML300HB12GG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  collector-emitter voltage vce 1200 v dc collector current tc=70c, tvj=175c tc=25c,tvj=175c i c , nom ic 320 455 a repetitive peak collector current tp=1msec,tc=80c i crm 600 a total power dissipation tc=25c p tot 850 w gate-emitter peak voltage v ges +/-20 v dc forward diode current i f 400 a repetitive peak forward current tp=1msec i frm 800 a i 2 t value per diode vr=0v, tp=10msec, tvj=125c tvj=150c i 2 t 11000 10500 a 2 sec isolation test voltage rms, 50hz, t=1min v isol 2500 v attributes: -aerospace build standard -high reliability -lightweight -cu and metal matrix base plate versions (pin finned versions available) -aln isolation -trench gate igbts maximum rated values/electrical properties SML300HB12GG collector-emitter saturation voltage ic=300a,vge=15v, tc=25c ic=300a,vge=15v,tc=125c ic=300a,vge=15v,tc=150c v ce(sat) 1.7 2.0 2.15 2.45 v gate threshold voltage ic=6.4ma,vce=vge, tvj=25c vge (th) 5.0 5.8 6.5 v input capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c ies 21.5 nf reverse transfer capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c res 0.98 nf collector emitter cut off current vce=1200v,vge=0v,tvj=25c vce=1200,vge=0v,tvj=125c i ces 0.3 ma ma gate emitter cut off current vce=0v,vge=20v,tvj=25c i ges 400 na
turn on delay time ic=300a, vcc=600v vge=+/-15v,rg=2 ? ,tvj=125c t d,on 280 nsec rise time ic=300a, vcc=600v vge=+/-15v,rg=2 ? ,tvj=125c tr 65 nsec turn off delay time ic=300a, vcc=600v vge=+/-15v,rg=2 ? ,tvj=125c t d , off 630 nsec fall time ic=300a, vcc=600v vge=+/-15v,rg=2 ? , tvj=125c t f 130 nsec turn on energy loss per pulse ic=300a,vce=600v,vge=15v rge=2 ? ,l=30nh tvj=125c e on 35 mj turn off energy loss per pulse ic=300a,vce=600v,vge=15v rge=2 ? ,l=30nh tvj=125c e off 45 mj sc data tp 10sec, vge 15v vcc=360v, tvj=25c vce (max)= vces-l di/dt tvj=150c i sc 2800 2000 a a stray module inductance l ce 18 nh terminal-chip resistance r c 1.0 m ? forward voltage ic=300a,vge=0v, tc=25c ic=300a,vge=0v, tc=125c v f 1.6 1.6 1.8 1.8 v v peak reverse recovery current if=300a, -di/dt=6200a/sec vce=300v,vge=-10v,tvj=125c i rm 375 a recovered charge if=300a, -di/dt=6200a/sec vce=600v,vge=-10v,tvj=125c qr 75 c reverse recovery energy if=300a, -di/dt=6200a/sec vce=600v,vge=-10v,tvj=125c e rec 33 mj diode characteristics
thermal resistance junction to case (mmc) igbt diode r j-c 0.042 0.1 k/w thermal resistance case to heatsink r c-hs 0.045 k/w maximum junction temperature tvj 175 c maximum operating temperature top -55 175 c storage temperature tstg -55 175 c thermal properties min typ max



circuit diagram gal gar


▲Up To Search▲   

 
Price & Availability of SML300HB12GG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X